Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2388 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 29Page - STMicroelectronics AN2388 Datasheet HTML 30Page - STMicroelectronics AN2388 Datasheet HTML 31Page - STMicroelectronics AN2388 Datasheet HTML 32Page - STMicroelectronics AN2388 Datasheet HTML 33Page - STMicroelectronics AN2388 Datasheet HTML 34Page - STMicroelectronics AN2388 Datasheet HTML 35Page - STMicroelectronics AN2388 Datasheet HTML 36Page - STMicroelectronics AN2388 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
AN2388
Software design
33/54
Figure 30.
Time diagram
Initialization routine
************************************************************************************
**************************INIT ROUTINE*
************************************************************************************
*************************
void Configure_PWM(void)// PWM module configuration
{
Set Direction Port PWM CHANNEL 1,2,3 : Outputs
Set PWM MODE : CENTER ALIGNED MODE
Set PWM FREQUENCY ;//16 kHz @ 64MHz
Enable PWM INTERRUPT
Enable Channels;
}
void Configure_ADC(void)// Configure AD module
{
Set AD Conversion Mode: Single Conversion;
Set Channel : channel1, channel2 ;
}
void Configure_Encoder(void)
{
Configure Timer T3: Timer for encoder reading sets for any transition counting
Enable Timer;
}
void Configure_TIMERS(void)
{
T01CON = 0x0206 ; // Timer 1 enabled, T1M=0(Timer Mode) T1I=011 --//>prescaler=32
,Tres=0.5uS with 64MHz
// Timer 0 enabled, T1M=0(Timer Mode) T1I=111 -->prescaler=1024 //
Tres=16uS with 64MHz
T1IC=0x0007 // T1 interrupt priority levelxxx , group level x
T1IE = 1
// Enable interrupts
T1 = 0
;
// T1 starts from 0
T1R = 1;
//Timer 1 for speed sensing
T0IC=0x0009 // T1 interrupt priority levelxxx , group level x
T0IE = 1
// Enable interrupts
T0 = 0
// T1 starts from 0
T0R = 1;
//Timer 1 for speed sensing
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com