Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2388 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 26Page - STMicroelectronics AN2388 Datasheet HTML 27Page - STMicroelectronics AN2388 Datasheet HTML 28Page - STMicroelectronics AN2388 Datasheet HTML 29Page - STMicroelectronics AN2388 Datasheet HTML 30Page - STMicroelectronics AN2388 Datasheet HTML 31Page - STMicroelectronics AN2388 Datasheet HTML 32Page - STMicroelectronics AN2388 Datasheet HTML 33Page - STMicroelectronics AN2388 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Hardware design
AN2388
30/54
Figure 27.
Voltage characteristic
3.6
The 3-phase AC induction motor
The AC induction machine used in this platform is a single cage three phase Y connected
motor. The rated value and the parameters of this motor are as follows:
Rated Power
Pn= 410W
Rated Voltage
Vn= 400V
Rated Current
In=1A
Rated Speed
nn=3000 rpm
Pole Pairs
2
Slip
205 rpm
Rated Torque
The electric motor equivalent circuit (IEEE) is here shown with the electric machine
parameters estimated by standard tests (No Load and locked Rotor test).
VOUT [V]
5
4.5
3.125
2.5
1.875
0.5
IP [At]
-IPMAX
-IPN
0
IPN
IPMAX
Nm
P
M
nom
nom
nom
3
.
1
=
=
ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com