Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2388 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 36Page - STMicroelectronics AN2388 Datasheet HTML 37Page - STMicroelectronics AN2388 Datasheet HTML 38Page - STMicroelectronics AN2388 Datasheet HTML 39Page - STMicroelectronics AN2388 Datasheet HTML 40Page - STMicroelectronics AN2388 Datasheet HTML 41Page - STMicroelectronics AN2388 Datasheet HTML 42Page - STMicroelectronics AN2388 Datasheet HTML 43Page - STMicroelectronics AN2388 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Software design
AN2388
40/54
the reason why the current gain has been set to have the maximum wide range voltage
during the transient stage, avoiding any saturation.
The two phase currents are sampled through the microcontroller and converted using the
ADC module. The channels of the A/D peripheral are multiplexed and the time of conversion
is 3µs per channel. A complete conversion (two phase currents) needs 6µs.
In this application, channel 0 (port 5.0) and channel 1 (port 5.1) have been configured as
inputs for A/D conversion.
Figure 34.
Phase current detection
As can be seen in the Figure 34 a slight offset appears on the two phase currents acquired
by Hall effect sensors. Many reasons could explain it (offset voltage on the op-amp and
conditioning circuitry) and in order to compensate for it there are some offset values
introduced in the current sensing routine. The offset value fixes the output voltage, coming
out from the current sensor, in order to have a 2.5V mean value.
4.5.2
Rotor mechanical position sensing
In this AC induction drive a 1024 pulse incremental encoder produces the rotor position.
The two sensor output channels (A and B) are wired directly to the incremental interface
mode for the core timer T3 selected by setting bit-field T3M in register T3CON to ‘110’. In
incremental interface mode the two inputs associated with timer T3 (T3IN, T3EUD) are used
to interface to an incremental encoder. T3 is clocked by each transition on one or both of the
external input pins which gives 2-fold or 4-fold resolution to the encoder input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com