Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2388 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 25Page - STMicroelectronics AN2388 Datasheet HTML 26Page - STMicroelectronics AN2388 Datasheet HTML 27Page - STMicroelectronics AN2388 Datasheet HTML 28Page - STMicroelectronics AN2388 Datasheet HTML 29Page - STMicroelectronics AN2388 Datasheet HTML 30Page - STMicroelectronics AN2388 Datasheet HTML 31Page - STMicroelectronics AN2388 Datasheet HTML 32Page - STMicroelectronics AN2388 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
AN2388
Hardware design
29/54
The cell made of Q1-C5-R4 is used to separate the issues of cancelling of the switching
cross-conduction and control of the winding dV/dt regardless of the operating conditions and
IGBT junction temperature. In particular, the cell provides a low impedance path to the Miller
current when the adjacent power switch turns on, canceling any cross-conduction current.
So the half-bridge turn-on switching dV/dt is only defined by the gate drive resistor value
(R2, R6, R13, R18, R27 & R32). The comparator integrated in the L6386 (IC2) is used to
provide an over-current protection. If the voltage applied on pin 6 reaches 0.5V typical, the
Diag output (pin 5) is pulled down as well as the shut-down input (pin 2). Then the three half-
bridges are shut-down. In regulator operation this protection never triggers as the micro-
controller limits the motor current to the pre-set values.
The same circuit has also been implemented to provide over-temperature protection. This is
done via the IC3 comparator input. An OR function is made paralleling the diagnostic output
of IC2 and IC3. A third protection can be implemented using the IC1 input comparator, for
example a high side over-current protection with the PowerBD-1000 or the PowerBD-3000.
3.5
Current sensing board
The current sensing board has been designed to sense the line currents. Only two phase
current in this application are detected. The full schematic is shown in Figure 26.
Figure 26.
Current sensing board schematic
The working principle of the above circuitry is very simple: two Hall effect (LTSR 6NP)
current sensors measure the phase currents ia, ib producing an output voltage proportional
to the related current. This voltage is then amplified (see Figure 27) in order to obtain a rail
to rail voltage in steady state condition. An external voltage reference has been used. This is
necessary to force into the current sensor the same offset value. Although the sensor has
got an embedded voltage reference, this is not as stable as the external one. The voltage
signals proportional to the three-phase current are then passed to the Gate Driver Board
through a shielded flat cable.
/TL431
R3
10K
R6
10K
R1 100K
R4 100K
TS824AILT-2.1
-
3
R13
NM
R10 15K
R2
10K
R5
10K
J1
CON5A
1
3
5
7
9
2
4
6
8
10
C1TBD
C5 TBD
C14
100nF
C12
100nF
J6
1
2
C2
3.3uF
J9
1
2
C4
100nF
J4
CON2
1
2
U1A
TS272
3
2
1
U1B
TS272
5
6
7
R12
NM
J3
1
2
R110
CS1
LEM LTSR6-NP/LTS6-NP
10
11
12
13
9
7
8
+5V
0
out
Ref
out
0
+5V
C6
3.3uF
J2
CON2
1
2
J5
CON2
1
2
C13
330uF
C3
100nF
CS2
LEM LTSR6-NP/LTS6-NP
10
11
12
13
9
7
8
+5V
0
out
Ref
out
0
+5V
C7
100nF
Current_sense_phaseB
V_ref
V_ref
Current_sense_phaseA
+5_V
+5_V
+5_V
Current_sense_phaseA
Current_sense_phaseB
V_ref
+5_V
+5_V
+5_V
V_ref
+5_V
+5_V
V_ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com