Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2388 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 21Page - STMicroelectronics AN2388 Datasheet HTML 22Page - STMicroelectronics AN2388 Datasheet HTML 23Page - STMicroelectronics AN2388 Datasheet HTML 24Page - STMicroelectronics AN2388 Datasheet HTML 25Page - STMicroelectronics AN2388 Datasheet HTML 26Page - STMicroelectronics AN2388 Datasheet HTML 27Page - STMicroelectronics AN2388 Datasheet HTML 28Page - STMicroelectronics AN2388 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
AN2388
Hardware design
25/54
Figure 21.
Components placement
3.3.2
Auxiliary supply
This Buck converter uses a VIPer12A providing start-up capability, integrated PWM
controller as well as thermal and over-current protection. This PWM controller is very simple
and does not require any external feedback compensation networking. The regulation circuit
is decoupled from the supply circuit, using a separate diode D2 and capacitor C2 to supply
the zener diode D3 on the FB pin. The diode D2 is a low voltage diode (1N4148) and allows
the voltage on Vdd to reach the start-up value. D2 and C2 together form a peak detector for
the output voltage.
To prevent disturbance resulting in possible output over-voltage or incorrect start-up, a zener
D6 is connected across the output. For further details please refer to the application notes
AN1317 and AN1357
An axial insulated inductor can be used. An inductor of this type meets low cost
considerations but features a high series resistance that affects the efficiency of the
converter. The current capability of this kind of inductor is determined, for a given package,
by its series resistance. For example, a 1.5mH inductor has a current capability of about
100mA since its series resistance is about 30R. The 5V is supplied from the 15V using a
L78L05 three-terminal positive regulator. It provides internal current limiting and thermal
shutdown. The 5V Zener diode D5 decreases the voltage regulator temperature in lifetime
sensitive applications.
Note:
When the line voltage is lower than 44V, an external 15V auxiliary supply is mandatory. It
must be plugged to CON2 while removing J14 & J8
AC inputs
VDC
+
_
15V supply
BEMF & Hall sensor
Tacho inputs
Motor output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com