Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1634 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 2Page - STMicroelectronics UM1634 Datasheet HTML 3Page - STMicroelectronics UM1634 Datasheet HTML 4Page - STMicroelectronics UM1634 Datasheet HTML 5Page - STMicroelectronics UM1634 Datasheet HTML 6Page - STMicroelectronics UM1634 Datasheet HTML 7Page - STMicroelectronics UM1634 Datasheet HTML 8Page - STMicroelectronics UM1634 Datasheet HTML 9Page - STMicroelectronics UM1634 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Introduction
UM1634
6/43
DocID024601 Rev 3
1
Introduction
1.1
Document overview
This document is the user manual for the Standard Software Driver (SSD) for C90FL(2)
Flash module. The roadmap for the document is as follows.
Section 1.2 shows the features of the driver. Appendix A: System requirements details the
system requirement for the driver development. Appendix C: Document reference lists the
documents referred and Appendix B: Acronyms lists the acronyms used.
Chapter 2 provides information about physical and logical memory map.
Chapter 3 describes the API specifications. In this section there are many sub sections,
which describe the different aspects of the driver. Section 3.1 provides a general overview of
the driver. Section 3.2 talks about the type definitions used for the driver. Section 3.3
discusses about the driver configuration parameters and configuration macros, respectively.
Section 3.4, and Section 3.5 describe the CallBack notifications and return codes used for
the driver. Section 3.6 provides the detailed description of standard software Flash Driver
APIs’.
1.2
Features
The C90FL(2) Standard Software Driver (SSD) provides the following features:
•
Two sets of driver binaries built on Power Architecture instruction set technology and
Variable-Length-Encoding (VLE) instruction set.
•
Drivers released in binary c-array format to provide compiler-independent support for
non-debug-mode embedded applications.
•
Each driver function is independent of each other so the end user can choose the
function subset to meet their particular needs.
•
Position-independent and ROM-able
•
Concurrency support via callback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com