Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1634 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 17Page - STMicroelectronics UM1634 Datasheet HTML 18Page - STMicroelectronics UM1634 Datasheet HTML 19Page - STMicroelectronics UM1634 Datasheet HTML 20Page - STMicroelectronics UM1634 Datasheet HTML 21Page - STMicroelectronics UM1634 Datasheet HTML 22Page - STMicroelectronics UM1634 Datasheet HTML 23Page - STMicroelectronics UM1634 Datasheet HTML 24Page - STMicroelectronics UM1634 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID024601 Rev 3
21/43
UM1634
API specification
3.6.6
CheckSum()
Description
The 'CheckSum()' API performs a 32-bit sum over the specified Flash memory range
without carry, which provides a rapid method for checking data integrity.
Prototype
UINT32 CheckSum (PSSD_CONFIG pSSDConfig,
UINT32 dest,
UINT32 size,
UINT32 *pSum,
void (*CallBack)(void));
Arguments
Return values
Comments
None.
Table 19. Arguments for CheckSum()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 3.3 for more details.
Dest
Destination address to be
summed in Flash memory.
Any accessible address aligned on double word
boundary in either main array or shadow row.
Size
Size, in bytes, of the Flash
region to check sum.
If size is 0 and the other parameters are all valid,
C90FL_OK is returned. Its combination with dest
should fall within either main array or shadow row.
pSum
Returns the sum value.
0x00000000 - 0xFFFFFFFF. Note that this value is
only valid when the function returns C90FL_OK.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it
use NULL_CALLBACK macro.
Table 20. Return values for CheckSum()
Return Values
Possible Causes
Solution
C90FL_ERROR_ALIGNMENT
This error indicates that
dest/size isn’t properly
aligned
Check if dest and size are aligned
on double word (64-bit) boundary.
Check if source is aligned on word
boundary
C90FL_ERROR_RANGE
The area specified by dest
and size is out of the valid
C90FL address range.
Check dest and dest+size, both
should fall in the same C90FL
address ranges, i.e. both in main
array or both in shadow row
C90FL_OK
Successful completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com