Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1634 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 18Page - STMicroelectronics UM1634 Datasheet HTML 19Page - STMicroelectronics UM1634 Datasheet HTML 20Page - STMicroelectronics UM1634 Datasheet HTML 21Page - STMicroelectronics UM1634 Datasheet HTML 22Page - STMicroelectronics UM1634 Datasheet HTML 23Page - STMicroelectronics UM1634 Datasheet HTML 24Page - STMicroelectronics UM1634 Datasheet HTML 25Page - STMicroelectronics UM1634 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
API specification
UM1634
22/43
DocID024601 Rev 3
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
3.6.7
FlashSuspend()
Description
The 'FlashSuspend()' API checks if there is any high voltage operation, erase or program, in
progress on the C90FL module and if the operation can be suspended. This function
suspends the ongoing operation if it can be suspended.
Prototype
UINT32 FlashSuspend (PSSD_CONFIG pSSDConfig,
UINT8 *suspendState,
BOOL *suspendFlag);
Arguments
Return values
Comments
After calling ‘FlashSuspend()’, read is allowed on both main array space and shadow row
without any Read-While-Write error. But data read from the blocks targeted for programming
or erasing is indeterminate even if the operation is suspended.
This function should be used together with ‘FlashResume()’. The suspendFlag returned by
‘FlashSuspend()’ determine whether ‘FlashResume()’ needs to be called or not. If
suspendFlag is TRUE, ‘FlashResume()’ must be called symmetrically to resume the
suspended operation.
Table 21. Arguments for FlashSuspend()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 3.3 for more details.
suspendState
Indicate the suspend state
of C90FL module after the
function being called.
All return values are enumerated inTable 24.
suspendFlag
Return whether the
suspended operation, if
there is any, is suspended
by this call.
TRUE: the operation is suspended by this call;
FALSE: either no operation to be suspended or the
operation is suspended not by this call.
Table 22. Return values for FlashSuspend()
Return Values
Possible Causes
Solution
C90FL_OK
Successful completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com