Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1634 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 4Page - STMicroelectronics UM1634 Datasheet HTML 5Page - STMicroelectronics UM1634 Datasheet HTML 6Page - STMicroelectronics UM1634 Datasheet HTML 7Page - STMicroelectronics UM1634 Datasheet HTML 8Page - STMicroelectronics UM1634 Datasheet HTML 9Page - STMicroelectronics UM1634 Datasheet HTML 10Page - STMicroelectronics UM1634 Datasheet HTML 11Page - STMicroelectronics UM1634 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Memory layout
UM1634
8/43
DocID024601 Rev 3
Figure 2. Linear logical address mapping
So for user the block information looks like as follows:
Table 1. Block Information for user
Address space
Number of blocks
Description
Low Address Space (LAS)
12
8 x 16K Blocks, 2 x 64K Blocks, 2 x128 k blocks
Mid Address Space (MAS)
2
2 x 256K Blocks
High Address Space (HAS)
6
6 x 512K Blocks
Shadow Row 1
1
Size : 16 K Base address : xxEF_C000
Shadow Row 0
1
Size : 16 K Base address : xxFF_C000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com