| Electronic Components Datasheet Search |
|
UM1634 Datasheet(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 Datasheet(HTML) 37 Page - STMicroelectronics |
|
37 / 43 page ![]() DocID024601 Rev 3 37/43 UM1634 API specification Return values Comments The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped arguments that are used to select the blocks to be evaluated in the Low/Mid/High address spaces of main array. The selection of the blocks of the main array is determined by setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or highEnabledBlocks. The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to block 1, etc. The following diagrams show the formats of lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks for the C90FL module. For low address space valid bits are from bit 0 to bit 9; for middle address space valid bits are bit 0 and bit 1; for high address space valid bits are from bit 0 to bit 5. Table 47. Return values for FactoryMarginReadCheck() Return Values Possible Causes Solution C90FL_ERROR_FMR_MISMATC H The MISR value calculated by the user is incorrect. Re-calculate the MISR values using the correct Data and address. The MISR calculated by the Hardware is incorrect. Hardware Error. C90FL_ERROR_FMR_NO_BLOC K None of the Blocks are enabled for Factory Margin Read Check Enable any of the blocks using variables lowEnabledBlocks, midEnabledBlocks and highEnabledBlock. C90FL_OK Successful completion Table 48. Bit allocation for blocks in low address space MSB LSB bit 31 … bit 10 bit 9 bit 8 … bit 1 bit 0 reserved … reserved block 9 block 8 … block 1 block 0 Table 49. Bit allocation for blocks in middle address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |