Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1634 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 9Page - STMicroelectronics UM1634 Datasheet HTML 10Page - STMicroelectronics UM1634 Datasheet HTML 11Page - STMicroelectronics UM1634 Datasheet HTML 12Page - STMicroelectronics UM1634 Datasheet HTML 13Page - STMicroelectronics UM1634 Datasheet HTML 14Page - STMicroelectronics UM1634 Datasheet HTML 15Page - STMicroelectronics UM1634 Datasheet HTML 16Page - STMicroelectronics UM1634 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DocID024601 Rev 3
13/43
UM1634
API specification
3.6.2
FlashErase()
Description
The 'FlashErase()' API erases the enabled blocks in the main array or the shadow row. Input
arguments together with relevant Flash module status are checked, and relevant error code
is returned if there is any error
Prototype
UINT32 FlashErase (PSSD_CONFIG pSSDConfig,
UINT8 shadowFlag,
UINT32 lowEnabledBlocks,
UINT32 midEnabledBlocks,
UINT32 highEnabledBlocks,
void (*CallBack)(void));
Arguments
Table 7. Arguments for FlashErase()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 3.3 for more details.
shadowFlag
Indicate either the main
array or the shadow row
to be erased.
1: shadow row not to be erased.
2: shadow row of bank0 to be erased i.e. Shadow
Row0 to be erased.
3: shadow row of bank1 to be erased i.e. Shadow
Row1 to be erased.
4: both the shadow rows to be erased.
lowEnabledBlocks
To select the array
blocks in low address
space for erasing.
Bit-mapped value. Select the block in the low
address space to be erased by setting 1 to the
appropriate bit of lowEnabledBlocks. If there is not
any block to be erased in the low address space,
lowEnabledBlocks must be set to 0.
midEnabledBlocks
To select the array
blocks in mid address
space for erasing.
Bit-mapped value. Select the block in the middle
address space to be erased by setting 1 to the
appropriate bit of midEnabledBlocks. If there is not
any block to be erased in the middle address space,
midEnabledBlocks must be set to 0.
highEnabledBlocks
To select the array
blocks in high address
space for erasing.
Bit-mapped value. Select the block in the high
address space to be erased by setting 1 to the
appropriate bit of highEnabledBlocks. If there is not
any block to be erased in the high address space,
highEnabledBlocks must be set to 0.
CallBack
Address of void call
back function pointer.
Any addressable void function address. To disable it
use NULL_CALLBACK macro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com