Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1634 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 24Page - STMicroelectronics UM1634 Datasheet HTML 25Page - STMicroelectronics UM1634 Datasheet HTML 26Page - STMicroelectronics UM1634 Datasheet HTML 27Page - STMicroelectronics UM1634 Datasheet HTML 28Page - STMicroelectronics UM1634 Datasheet HTML 29Page - STMicroelectronics UM1634 Datasheet HTML 30Page - STMicroelectronics UM1634 Datasheet HTML 31Page - STMicroelectronics UM1634 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
API specification
UM1634
28/43
DocID024601 Rev 3
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
3.6.10
SetLock()
Description
The 'SetLock()' API sets the block lock state for Shadow/Low/Middle/High address space on
the C90FL module to protect them from program/erase. The API provides password to
enable block lock register writes when is needed and write the block lock value to block lock
register for the requested address space.
Prototype
UINT32 SetLock (PSSD_CONFIG pSSDConfig,
UINT8 blkLockIndicator,
UINT32 blkLockState,
UINT32 password);
Arguments
Table 34. blkLockState bit allocation for high address space
MSB
LSB
bit 31
…
bit 6
bit 5
bit 4
…
bit 1
bit 0
reserved
…
reserved
block 5
block 4
…
block 1
block 0
Table 35. Arguments for SetLock()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 3.3 for more details.
blkLockIndicator
Indicating the address
space and the protection
level of the block lock
register to be read.
Refer to Table 30 for valid codes for this parameter.
blkLockState
The block locks to be set to
the specified address
space and protection level.
Bit mapped value indicating the lock status of the
specified protection level and address space.
1: The block is locked from program/erase.
0: The block is ready for program/erase
password
A password is required to
enable the block lock
register for register write.
Correct passwords for block lock registers are
0xA1A1_1111 for Low/Mid Address Space Block
Locking Register, 0xC3C3_3333 for Secondary
Low/Mid Address Space Block Locking Register,
and 0xB2B2_2222 for High Address Space Block
Select Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com