Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 2Page - STMicroelectronics AN3157 Datasheet HTML 3Page - STMicroelectronics AN3157 Datasheet HTML 4Page - STMicroelectronics AN3157 Datasheet HTML 5Page - STMicroelectronics AN3157 Datasheet HTML 6Page - STMicroelectronics AN3157 Datasheet HTML 7Page - STMicroelectronics AN3157 Datasheet HTML 8Page - STMicroelectronics AN3157 Datasheet HTML 9Page - STMicroelectronics AN3157 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Circuit description
AN3157
6/26
Doc ID 17105 Rev 1
2.2
Daughterboard circuit
This section describes the implementation of each phase network which performs the power
measurement.
The schematic can be divided into the following subsets:
●
Current sensing circuit (1) or (2)
●
Anti-aliasing filter (3)
●
Voltage sensing circuit (4)
●
Crosstalk cancellation network (5)
2.2.1
Current sensing circuit
The STPMS1 has an external current sensing circuit using either a current transformer, in
which a burden resistor is used to produce a voltage between CIN and CIP proportional to
the current measured, or a shunt resistor.
2.2.2
Anti-aliasing filter
The anti-aliasing filter is a low-pass filter which has a negligible influence on the voltage
drop between CIN and CIP, and VIN and VIP. The aim of which is to reduce the distortion
caused by the sampling (also called aliasing) by removing the out-of-band frequencies of
the input signal before sampling it with the analog-to-digital converter.
Filtering is easily implemented with a resistor-capacitor (RC) single-pole circuit which
obtains an attenuation of - 20 dB/dec.
2.2.3
Voltage sensing circuit
A resistor divider is used as a voltage sensor. The 600 k
Ω resistor is separated into four, 4 x
150 k
Ω, in-series resistors, which ensure that a high voltage transient does not bypass the
resistor. This also reduces the potential across the resistors, thereby decreasing the
possibility of arcing. The following resistors are used to implement the resistor divider:
●
R = R13 + R2 + R3 + R4 = 600 k
Ω
●
R5 = 475
Ω
The L1 inductor and the C2 capacitor create a filter which prevents electromagnetic
interference (EMI).
Figure 3.
Motherboard connector schematics
VCC
VCC
VCC
VCC
VCC
VCC
NCLK
CLK
DAR
DAS
DAT
NCLK
CLK
NCLK
CLK
J1
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J2
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J3
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
VCC
VCC
VCC
VCC
DAN
DAH
NCLK
CLK
NCLK
CLK
J5
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J4
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
VCC
VCC
VCC
VCC
VCC
VCC
NCLK
CLK
DAR
DAS
DAT
NCLK
CLK
NCLK
CLK
J1
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J2
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J3
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
VCC
VCC
VCC
VCC
DAN
DAH
NCLK
CLK
NCLK
CLK
J5
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J4
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com