Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3157 Datasheet HTML 1Page - STMicroelectronics AN3157 Datasheet HTML 2Page - STMicroelectronics AN3157 Datasheet HTML 3Page - STMicroelectronics AN3157 Datasheet HTML 4Page - STMicroelectronics AN3157 Datasheet HTML 5Page - STMicroelectronics AN3157 Datasheet HTML 6Page - STMicroelectronics AN3157 Datasheet HTML 7Page - STMicroelectronics AN3157 Datasheet HTML 8Page - STMicroelectronics AN3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
April 2010
Doc ID 17105 Rev 1
1/26
AN3157
Application note
STEVAL-IPE010V1 poly-phase demonstration kit
for the STPMC1 and STPMS1
Introduction
This application note describes the STEVAL-IPE010V1 poly-phase demonstration kit for the
STPMC1 and STPMS1.The STPMC1 is a metering ASSP implemented through an
advanced 0.35 µm BCD6 technology.
The STPMC1 device functions as an energy calculator in power line systems, using the
Rogowski current transformer and shunt or Hall current sensors. It is used in combination
with one or more STPMS1 devices. It implements all the functions needed in a 1, 2 or 3-
phase energy meter, providing the effective measurement of active and reactive energies,
VRMS, IRMS, instantaneous voltage and current-per-phase in 1, 2 or 3-phase wye and delta
services, from 2 to 4 wires.
In a stand-alone configuration the STPMC1, which sends a pulse train signal with a
frequency proportional to the cumulative active power, can directly drive a stepper motor,
therefore implementing a simple active energy meter.
This device can also be coupled to a microprocessor for multi-function energy meters. In this
case, the measured data is read at a fixed time interval from the device internal registers by
the microcontroller through the SPI interface.
The STPMS1 is an ASSP designed as a building block for single or multi-phase energy
meters. It consists of a pre-amplifier and two 1st order
ΔΣ modulators, band-gap voltage
reference, a low-drop voltage regulator and DC buffers in its analog section, and a clock
generator and output multiplexer in its digital section.
The demonstration kit is made up of a main board with the STPMC1 mounted, and it can be
coupled with up to 5 daughterboards, each with an STPMS1 mounted to sense the voltage
and current of each phase.
Note:
The demonstration kit is available on request.
Figure 1.
Demonstration kit block diagram
N R S T
Current
Sens or
Current
ns or
rent
ns or
Vol t a ge
Sens or
ta ge
Sens or
ta ge
ns or
Current
Sens or
STPMS1
STPMS1
STPMS1
STPMS1
STPMC1
DAR
DAS
DAH
CL K
XTAL 1
XTAL 2
VSS VSS A
MOP
MON
VOT P
VCC
DAN
DAT
VDD
SDA- TD
SCL - NC
SYN- NP
SCS
LED
STPMC1
DAR
DAS
DAH
CL K
XTAL 1
XTAL 2
VSS VSS A
MOP
MON
VOT P
VCC
DAN
DAT
VDD
SDA- TD
SCL - NC
SYN- NP
SCS
LED
r ent
ns or
t a ge
Sens or
STPMS
M
M 1
Cur r ent
ns or
t a ge
ns or
STPMS
M
M 1
Cur r ent
Sens or
STPMS
M
M 1
P1
P1
www.st.com


Similar Part No. - AN3157

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN315 SILABS-AN315 Datasheet
172Kb / 8P
ROBUST ELECTRICAL SURGE IMMUNITY FOR POE PDS THROUGH INTEGRATED PROTECTION
logo
List of Unclassifed Man...
AN315 ETC2-AN315 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
Soldering Recommendations for Pressure Sensor Devices
logo
STMicroelectronics
AN3150 STMICROELECTRONICS-AN3150 Datasheet
866Kb / 25P
Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
28-May-2013
AN3151 STMICROELECTRONICS-AN3151 Datasheet
952Kb / 34P
Digital constant-current controller
24-Aug-2010
More results

Similar Description - AN3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI119V1 STMICROELECTRONICS-STEVAL-MKI119V1 Datasheet
184Kb / 6P
eMotion Win8: STEVAL-MKI109V2 STEVAL-MKI108V2 demonstration board
03-Nov-2011
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
Poly-phase demonstration kit with the STPMC1 and STPMS2
06-Nov-2012
AN4146 STMICROELECTRONICS-AN4146 Datasheet
3Mb / 30P
STSmartVoice demonstration board STEVAL-MKI126Vx
22-Mar-2013
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
UM0582 STMICROELECTRONICS-UM0582 Datasheet
1Mb / 24P
STEVAL-TLL005V1 power flash demonstration board
08-Jun-2009
UM0756 STMICROELECTRONICS-UM0756 Datasheet
825Kb / 28P
STEVAL-ICB003V1 front panel demonstration board
09-Oct-2009
UM0971 STMICROELECTRONICS-UM0971 Datasheet
1Mb / 45P
STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
27-Oct-2010
AN4396 STMICROELECTRONICS-AN4396 Datasheet
760Kb / 19P
The STEVAL-ISV021V1 is a demonstration kit which consists
03-Jun-2014
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
STEVAL-ISA081V1 demonstration board based
08-Jun-2012
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
21-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com