Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 4Page - STMicroelectronics AN3157 Datasheet HTML 5Page - STMicroelectronics AN3157 Datasheet HTML 6Page - STMicroelectronics AN3157 Datasheet HTML 7Page - STMicroelectronics AN3157 Datasheet HTML 8Page - STMicroelectronics AN3157 Datasheet HTML 9Page - STMicroelectronics AN3157 Datasheet HTML 10Page - STMicroelectronics AN3157 Datasheet HTML 11Page - STMicroelectronics AN3157 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Circuit description
AN3157
8/26
Doc ID 17105 Rev 1
2.2.5
Jumper settings
The on-board jumpers JP1 and JP2 allow the setting of the STPMS1 device according to
Table 2 and Table 3 below:
For further details on device configuration please refer to the device datasheet.
2.3
Clock management network
A 4.194 MHz quartz is used to supply the clock for the STPMC1 device. To set this
frequency, internal configuration bits MDIV and FR1 must be kept cleared.
A synchronized clock is provided to all STPMS1 devices through the CLK pin, the frequency
of which is programmable through bit HSA to 1.049 MHz or 2.097 MHz.
2.4
Communication with microprocessor
A control board with an embedded microprocessor may be connected to connector P1 using
a 10-wire flat cable. Table 4 describes the pinout of the connector.
The STPMC1 has an SPI communication port implemented by four multi-purpose pins
(SCS, SYN-NP, SDA-TD, SCL-NLC).
In stand-alone operating mode these multi-purpose pins produce:
●
negative power direction on the SYN-NP pin
●
tamper condition detected on the SDA-TD pin
●
no load condition detected on the SCL-NLC pin
For this reason these pins are connected to the three LEDs D9, D10 and D11.
In this configuration, the LED pin produces a pulse train with a frequency proportional to the
3-phase power and is connected to LED D12.
Table 2.
Modes of operation
JP1
MS0
Description
1
1
Rogowsky mode, ampl = 32
2
NCLK
ampl = 32 (reserved for future expansion)
3
0
Current transformer mode, ampl = 8
4
CLK
shunt mode, ampl = 32, fclk = 8*mclk
Table 3.
Changing of band-gap voltage reference
JP2
MS1
Description
1
1
TC = 190 ppm/°C
2
NCLK
TC = 125 ppm/°C
3
0
TC = 100 ppm/°C
4
CLK
TC = 170 ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com