Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 15Page - STMicroelectronics AN3157 Datasheet HTML 16Page - STMicroelectronics AN3157 Datasheet HTML 17Page - STMicroelectronics AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics AN3157 Datasheet HTML 22Page - STMicroelectronics AN3157 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AN3157
3-phase systems
Doc ID 17105 Rev 1
19/26
Equation 5
Therefore, the phase active power and the total active power are:
Equation 6
Equation 7
If the relationship between the phase voltage and the line voltage is used, the total active
power becomes identical to Equation 4. This means that the total power in any balanced 3-
phase load (
Δ or Y-connected) is given by Equation 4.
Similarly, the total reactive and the total apparent power in the 3-phase balanced AC circuits
can be given by:
Equation 8
Equation 9
A.2
Power measurement techniques
In 3-phase power systems, one, two, or three wattmeters can be used to measure the total
power. A wattmeter may be considered to be a voltmeter and an ammeter combined in the
same box, which has a deflection proportional to VrmsIrmscos φ, where φ is the angle
between the voltage and current. Therefore, a wattmeter has two voltage and two current
terminals, which have + or - polarity signs. Three power measurement methods utilizing the
wattmeters are described next, and are applied to the balanced 3-phase AC load.
A.2.1
Two-wattmeter method
This method can be used in a 3-phase three-wire balanced or unbalanced load system that
may be connected to
Δ or Y. To perform the measurement, two wattmeters are connected as
shown in Figure 14.
3
V
V
line
phase =
θ
=
=
=
=
cos
I
V
P
P
P
P
line
phase
3
2
1
θ
=
=
cos
I
V
3
P
3
P
line
phase
Total
θ
=
sin
I
V
3
Q
line
line
Total
line
line
Total
I
V
3
S
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com