Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 8Page - STMicroelectronics AN3157 Datasheet HTML 9Page - STMicroelectronics AN3157 Datasheet HTML 10Page - STMicroelectronics AN3157 Datasheet HTML 11Page - STMicroelectronics AN3157 Datasheet HTML 12Page - STMicroelectronics AN3157 Datasheet HTML 13Page - STMicroelectronics AN3157 Datasheet HTML 14Page - STMicroelectronics AN3157 Datasheet HTML 15Page - STMicroelectronics AN3157 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Experimental results
AN3157
12/26
Doc ID 17105 Rev 1
4
Experimental results
The tests have been conducted considering INOM = 5 A, VNOM = 230 V, fline = 50 Hz.
4.1
3-phase energy measurement accuracy
4.1.1
Test with symmetrical voltages and balanced load at PF = 1
This 3-phase energy measurement has been carried out in the following conditions:
VR = VS = VT = 230 [VRMS]
IR = IS = IT = I [ARMS]
PF = 1
Table 5.
3-phase energy measurement
I (A)
% of In
Error (%)
10
200%
0.013%
8
160%
0.018%
5
100%
0.013%
2
40%
0.112%
1
20%
0.086%
0.5
10%
0.160%
0.2
4%
0.543%
Figure 9.
Experimental results graph of the 3-phase energy measurement
0,013%
0,013%
0,018%
0,112%
0,086%
0,160%
0,543%
-2,0%
-1,5%
-1,0%
-0,5%
0,0%
0,5%
1,0%
1,5%
2,0%
1%
10%
100%
1000%
% of In
Class 1 limits
0,013%
0,013%
0,018%
0,112%
0,086%
0,160%
0,543%
-2,0%
-1,5%
-1,0%
-0,5%
0,0%
0,5%
1,0%
1,5%
2,0%
1%
10%
100%
1000%
% of In
Class 1 limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com