Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 14Page - STMicroelectronics AN3157 Datasheet HTML 15Page - STMicroelectronics AN3157 Datasheet HTML 16Page - STMicroelectronics AN3157 Datasheet HTML 17Page - STMicroelectronics AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics AN3157 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
3-phase systems
AN3157
18/26
Doc ID 17105 Rev 1
A.1
Power in 3-phase AC circuits
Let's assume that the angle between the phase voltage and the phase current is
θ, which is
equal to the angle of the load impedance. Considering the load configurations given in
Figure 13, the phase power and the total power can be easily estimated.
In the case of Figure 13 (a), the total active power is equal to three times the power of one
phase:
Equation 1
Equation 2
Since the line current in the balanced delta-connected loads is:
Equation 3
If Equation 3 is substituted into Equation 2, the total active load becomes:
Equation 4
In Figure 13 (b), however, the impedances contain the line currents Iline (equal to the phase
current, Iphase) and the phase voltages:
Figure 13.
Per-phase powers in (a) delta-connected load and (b) wye-connected load.
θ
=
=
=
=
cos
I
V
P
P
P
P
phase
line
3
2
1
θ
=
=
cos
I
V
3
P
3
P
phase
line
Total
phase
line
I
3
I
=
θ
=
cos
I
V
3
P
line
line
Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com