Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3157 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 13Page - STMicroelectronics AN3157 Datasheet HTML 14Page - STMicroelectronics AN3157 Datasheet HTML 15Page - STMicroelectronics AN3157 Datasheet HTML 16Page - STMicroelectronics AN3157 Datasheet HTML 17Page - STMicroelectronics AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AN3157
3-phase systems
Doc ID 17105 Rev 1
17/26
Appendix A
3-phase systems
3-phase is a common method of electrical power transmission. It is a type of poly-phase
system used to power motors and many other devices.
The currents are sinusoidal functions of time, all at the same frequency but with different
phases. In a 3-phase system the phases are spaced equally, giving a phase separation of
120°. The frequency is typically 50 Hz in Europe and 60 Hz in the US and Canada.
It is possible to supply the three phases over six wires, with two wires reserved for the
exclusive use of each phase. However, they are generally supplied over three or four wires:
●
Three phases, 3-wire delta service which has no neutral and 220 V between phases.
●
Three phases, 4-wire delta and wye service which has 220 V between phase-neutral
and 380 V phase-phase.
Figure 12.
Instantaneous voltage (or current) in a one-voltage cycle of a 3-phase system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com