Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 2Page - STMicroelectronics AN4121 Datasheet HTML 3Page - STMicroelectronics AN4121 Datasheet HTML 4Page - STMicroelectronics AN4121 Datasheet HTML 5Page - STMicroelectronics AN4121 Datasheet HTML 6Page - STMicroelectronics AN4121 Datasheet HTML 7Page - STMicroelectronics AN4121 Datasheet HTML 8Page - STMicroelectronics AN4121 Datasheet HTML 9Page - STMicroelectronics AN4121 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AN4121
Circuit description
Doc ID 023243 Rev 1
6/26
Figure 3.
Motherboard connectors schematics
2.2
Daughterboard circuit
This section explains the implementation of each phase network which performs the power
measurement.
The schematic can be divided into the following subsets:
●
Current sensing circuit (1) or (2)
●
Anti-aliasing filter (3)
●
Voltage sensing circuit (4).
2.2.1
Current sensing circuit
The STPMS2 has an external current sensing circuit using either a current transformer, in
which a burden resistor is used to produce a voltage between CIN and CIP proportional to
the current measured, or a shunt resistor, or a Rogowski coil current sensor.
2.2.2
Anti-aliasing filter
The anti-aliasing filter is a low-pass filter. It has a negligible influence on the voltage drop
between CIN and CIP, VIN and VIP; its aim is to reduce the distortion caused by the
sampling, also called aliasing, by removing the out-of-band frequencies of the input signal
before sampling it with the analog-to-digital converter.
Filtering is easily implemented with a resistor-capacitor (RC) single-pole circuit which
obtains an attenuation of - 20 dB/dec.
2.2.3
Voltage sensing circuit
A resistor divider is used as voltage sensor.
The 660 k
Ω resistor is separated into four, 2 x 150 kΩ and 2 x 180 kΩ, in-series resistors,
which ensure that a high voltage transient does not bypass the resistor. This also reduces
the potential across the resistors, thereby decreasing the possibility of arcing. The following
resistors are used to implement resistor divider:
●
R = R13 + R2 + R3 + R4 = 660 k
Ω
●
R5 = 470
Ω.
Inductance L1 and capacitor C2 create a filter which prevents electromagnetic interference
(EMI).
AM12745v1
VCC
VCC
VCC
VCC
VCC
VCC
NCLK
CLK
DAR
DAS
DAT
NCLK
CLK
NCLK
CLK
J1
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J2
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J3
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
VCC
VCC
VCC
VCC
DAN
DAH
NCLK
CLK
NCLK
CLK
J5
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
J4
Card_Edge_10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com