Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 4Page - STMicroelectronics AN4121 Datasheet HTML 5Page - STMicroelectronics AN4121 Datasheet HTML 6Page - STMicroelectronics AN4121 Datasheet HTML 7Page - STMicroelectronics AN4121 Datasheet HTML 8Page - STMicroelectronics AN4121 Datasheet HTML 9Page - STMicroelectronics AN4121 Datasheet HTML 10Page - STMicroelectronics AN4121 Datasheet HTML 11Page - STMicroelectronics AN4121 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AN4121
Circuit description
Doc ID 023243 Rev 1
8/26
For further details on device configuration, please refer to its datasheet.
2.3
Clock management network
A 4.194 MHz quartz is used to supply the clock to the STPMC1 device. To set this
frequency, internal configuration bits MDIV and FR1 must be kept cleared.
A synchronized clock is provided to all the STPMS2 through pin CLK, whose frequency is
programmable through bit HSA to 1.049 MHz or 2.097 MHz.
2.4
Communication with microprocessor
A control board with embedded microprocessor may be connected to connector P1 using
10-wire flat cable.
Table 5 below describes the pinout of the connector.
The STPMC1 has an SPI communication port implemented by four multipurpose pins (SCS,
SYN-NP, SDA-TD, SCL-NLC).
Table 3.
TC of the band-gap reference
JP2
MS1
Description
1
GND
TC = 60 ppm/°C
2 (1)
1.
Default value.
CLK
Flattest TC = +30 ppm/°C
3
NCLK
TC = +160 ppm/°C
4VDD
TC = -160 ppm/°C
Table 4.
Control of voltage channel and output signals
JP3
MS2
Description
1 (1)
1.
Default value.
GND
Voltage channel ON, DATn = ~(DAT =(CLK) ? bsV : bsC)
2
CLK
Voltage channel OFF, DATn = bsCn, DAT = bsC
3
NCLK
Voltage channel OFF, DATn = bsCn, DAT = bsC
4
VDD
Voltage channel ON, DATn = bsC, DAT = bsV
Table 5.
Changing of band-gap voltage reference
JP4
MS3
Description
1 (1)
1.
Default value.
GND
Hard mode, BIST mode OFF
2CLK
Soft mode
3
NCLK
Reserved
4VDD
Hard mode, BIST mode ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com