Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 13Page - STMicroelectronics AN4121 Datasheet HTML 14Page - STMicroelectronics AN4121 Datasheet HTML 15Page - STMicroelectronics AN4121 Datasheet HTML 16Page - STMicroelectronics AN4121 Datasheet HTML 17Page - STMicroelectronics AN4121 Datasheet HTML 18Page - STMicroelectronics AN4121 Datasheet HTML 19Page - STMicroelectronics AN4121 Datasheet HTML 20Page - STMicroelectronics AN4121 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AN4121
Experimental results
Doc ID 023243 Rev 1
17/26
Figure 11.
Graph of experimental results of one phase energy measurement
Table 13.
Phase energy measurement PF = 0.5 inductive
I [A]
% of In [%]
error [%]
10
200%
-0,2348%
8
160%
-0,2565%
5
100%
-0,2504%
2
40%
-0,1870%
1
20%
-0,2087%
0,5
10%
-0,1217%
0,2
4%
0,0130%
Table 14.
Limits for class 0,2 meters: poly-phase meters with symmetrical voltages
and only one phase load at PF = 1
I [A]
% of In [%]
error [%]
IMAX
1000%
± 0,3%
0,05*In
5%
± 0,3%
Table 15.
Limits for class 0,2 meters: poly-phase meters with symmetrical voltages
and only one phase load at PF = 0.5 ind
I [A]
% of In [%]
error [%]
IMAX
1000%
± 0,4%
0,1*In
10%
± 0,4%
AM12748v1
-0,0003%
-0,0212%
-0,0426%
0,1152%
-0,0309%
-0,0348%
0,1196%
-0,2348%
-0,2565%
-0,2504%
-0,1870%
-0,2087%
- 0,1217%
0,0130%
-0,5%
-0,4%
-0,3%
-0,2%
-0,1%
0,0%
0,1%
0,2%
0,3%
0,4%
0,5%
1%
10%
100%
1000%
% of In
Class 0.2 limit - PF = 0,5
Class 0.2 limit - PF = 1
PF = 0,5
PF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com