Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 18Page - STMicroelectronics AN4121 Datasheet HTML 19Page - STMicroelectronics AN4121 Datasheet HTML 20Page - STMicroelectronics AN4121 Datasheet HTML 21Page - STMicroelectronics AN4121 Datasheet HTML 22Page - STMicroelectronics AN4121 Datasheet HTML 23Page - STMicroelectronics AN4121 Datasheet HTML 24Page - STMicroelectronics AN4121 Datasheet HTML 25Page - STMicroelectronics AN4121 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Item
Quantity
Reference
Part
PCB Footprint
Description
18
1
R10
2.2 M 1%
sm_0603
19
1
R11
100 1%
sm_0603
20
2
R14, R17
10
sm_0603
21
2
R15 or R16, R18
0
sm_0603
22
1
SH1
170 µ
r_shunt
23
1
SH2
170 µ
r_shunt_2
24
1
TR1
E4622_X503
VAC_e4622_x503
25
1
U1
STPMS2L
mcs_manual_mlp3x3_16_05_pa
d
26
1
V1
460 V
disc_450x200_ls300x100_037
VARISTOR MOKS K10*300V
27
1
W1
N
TEST_POINT
28
1
W2
F
TEST_POINT
29
1
W3
DAR
TEST_POINT
30
1
W4
VREG
TEST_POINT
31
2
W5, W8
VCC
TEST_POINT
32
1
W6
GND
TEST_POINT
33
1
W7
CLK
TEST_POINT
Table 17.
Daughterboard BOM list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com