Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 16Page - STMicroelectronics AN4121 Datasheet HTML 17Page - STMicroelectronics AN4121 Datasheet HTML 18Page - STMicroelectronics AN4121 Datasheet HTML 19Page - STMicroelectronics AN4121 Datasheet HTML 20Page - STMicroelectronics AN4121 Datasheet HTML 21Page - STMicroelectronics AN4121 Datasheet HTML 22Page - STMicroelectronics AN4121 Datasheet HTML 23Page - STMicroelectronics AN4121 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AN4121
Three-phase systems
Doc ID 023243 Rev 1
20/26
If the relationship between the phase voltage and the line voltage is used, the total active
power becomes identical to
Equation 1 developed. This means that the total power in any
balanced three-phase load (
θ- or Y-connected) is given by Equation 1.
Similarly, the total reactive and the total apparent power in the three-phase balanced AC
circuits can be given by:
A.2
Power measurement techniques
In the three-phase power systems, one, two, or three wattmeters can be used to measure
the total power. A wattmeter may be considered to be a voltmeter and an ammeter
combined in the same box, which has a deflection proportional to VrmsIrmscos θ, where θ is
the angle between the voltage and current. Hence, a wattmeter has two voltage and two
current terminals, which have + or
θ polarity signs. Three power measurement methods
utilizing the wattmeters are described next, and are applied to the balanced three-phase AC
load.
A.2.1
Two-wattmeter method
This method can be used in a three-phase 3-wire balanced or unbalanced load system that
may be connected
θ or Y. To perform the measurement, two wattmeters are connected as
shown in
Figure 14.
Figure 14.
Two-wattmeter method in star- or delta-connected load
In the balanced loads, the sum of the two wattmeter readings gives the total power. This can
be proven in a star-connected load mathematically using the power reading of each meter
as:
θ
=
sin
I
V
3
Q
line
line
Total
line
line
Total
I
V
3
S
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com