Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 14Page - STMicroelectronics AN4121 Datasheet HTML 15Page - STMicroelectronics AN4121 Datasheet HTML 16Page - STMicroelectronics AN4121 Datasheet HTML 17Page - STMicroelectronics AN4121 Datasheet HTML 18Page - STMicroelectronics AN4121 Datasheet HTML 19Page - STMicroelectronics AN4121 Datasheet HTML 20Page - STMicroelectronics AN4121 Datasheet HTML 21Page - STMicroelectronics AN4121 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AN4121
Three-phase systems
Doc ID 023243 Rev 1
18/26
Appendix A
Three-phase systems
Three-phase is a common method of electric power transmission. It is a type of poly-phase
system used to power motors and many other devices.
The currents are sinusoidal functions of time, all at the same frequency but with different
phases. In a three-phase system the phases are spaced equally, giving a phase separation
of 120°. The frequency is typically 50 Hz in Europe and 60 Hz in the US and Canada.
Figure 12.
Instantaneous voltage (or current) in one voltage cycle of a three-phase
system
The three phases may be supplied over six wires, with two wires reserved for the exclusive
use of each phase. However, they are generally supplied over three or four wires:
●
Three-phase, 3-wire delta service which has no neutral and 220 V between phases
●
Three-phase, 4-wire delta and wye service which has 220 V between phase-neutral
and 380 V phase-phase.
A.1
Power in three-phase AC circuits
Let's assume that the angle between the phase voltage and the phase current is
θ, which is
equal to the angle of the load impedance. Considering the load configurations given in
Figure 14, the phase power and the total power can be estimated easily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com