Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4121 Datasheet HTML 1Page - STMicroelectronics AN4121 Datasheet HTML 2Page - STMicroelectronics AN4121 Datasheet HTML 3Page - STMicroelectronics AN4121 Datasheet HTML 4Page - STMicroelectronics AN4121 Datasheet HTML 5Page - STMicroelectronics AN4121 Datasheet HTML 6Page - STMicroelectronics AN4121 Datasheet HTML 7Page - STMicroelectronics AN4121 Datasheet HTML 8Page - STMicroelectronics AN4121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
November 2012
Doc ID 023243 Rev 1
1/26
AN4121
Application note
Poly-phase demonstration kit with the STPMC1 and STPMS2
Introduction
This application note describes the poly-phase demonstration kit with the STPMC1 and
STPMS2.
The STPMC1 is a metering ASSP implemented in an advanced 0.35 µm BCD6 technology.
The STPMC1 device works as an energy calculator in power line systems utilizing a
Rogowski coil, current transformer, shunt or Hall current sensors. Used in combination with
one or more STPMS2 ICs, it implements all the functions needed in a 1-, 2- or 3-phase
energy meter, providing effective measurement of active and reactive energies, VRMS, IRMS,
instantaneous voltage and current per phase in 1-, 2- or 3-phase wye and delta services,
from 2 to 4 wires.
In a standalone configuration, the STPMC1 outputs a pulse train signal having a frequency
proportional to the cumulative active power, and it can directly drive a stepper motor,
therefore implementing a simple active energy meter.
This device can also be coupled with a microprocessor for multifunction energy meters. In
this case, measured data are read at a fixed time interval from the device internal registers
by the microcontroller through an SPI interface.
The STPMS2 is an ASSP designed to be the building block for single or multiphase energy
meters. It consists of a preamplifier and two 2nd order
Δ∑ modulators, band-gap voltage
reference, a low-drop voltage regulator and DC buffers in its analog section and clock
generator and output multiplexer in its digital section.
The demonstration kit is made up of a main board with the STPMC1 onboard (STEVAL-
IPE0010V1), and it can be coupled with up to 5 daughterboards, each having an STPMS2
onboard to sense the voltage and current of each phase (STEVAL-IPE0014V1).
Figure 1.
Demonstration kit block diagram
AM12798v1
N R S T
Current
Sens or
Vol t age
Sens or
STPMS2
STPMS2
STPMS2
STPMS2
STPMC1
DAR
DAS
DAH
CL K
XTAL 1
XTAL 2
VSS VSS A
MOP
MON
VOT P
VCC
DAN
DAT
VDD
SDA- TD
SCL - NC
SYN- NP
SCS
LED
STPMS
M
M 2
STPMS
M
M 2
STPMS
M
M 2
P1
www.st.com


Similar Part No. - AN4121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
Design of Power Factor Correction Circuit
More results

Similar Description - AN4121

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
Development and Demonstration Kit
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
Performance Demonstration Kit for the ADS130E08
logo
STMicroelectronics
AN3157 STMICROELECTRONICS-AN3157 Datasheet
483Kb / 26P
STEVAL-IPE010V1 poly-phase demonstration kit
28-Apr-2010
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
Audio hub demonstration kit supporting the MP45DT02
22-Mar-2013
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
Demonstration kit for the ST7570 power line modem
04-Nov-2011
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
STCF04 demonstration kit
28-Aug-2012
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
DK3400 demonstration kit
03-Nov-2010
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
UM1059 STMICROELECTRONICS-UM1059 Datasheet
470Kb / 9P
The STPMC1 and STPMS2 evaluation kit
15-Oct-2014
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com