Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4370 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 2Page - STMicroelectronics AN4370 Datasheet HTML 3Page - STMicroelectronics AN4370 Datasheet HTML 4Page - STMicroelectronics AN4370 Datasheet HTML 5Page - STMicroelectronics AN4370 Datasheet HTML 6Page - STMicroelectronics AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics AN4370 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BEMF Zero crossing detection internal peripheral
AN4370
6/23
DocID025336 Rev 1
Figure 2. BEMF detection stepping of BEMFCNT
To avoid detecting a false Z crossing event due to the PWM switching noise (ringing: see
Figure 3), we recommend reading the floating phase as far as possible from the switching
edges, this is why the output of the selected comparator can be sampled by the appropriate
edge of the appropriate PWM signal (Driving PWM signal or Active Freewheeling PWM
signal). Therefore, for LOW DUTY CYCLES we recommend using the GND comparator for
PWM on the HS MOSFETs and the VSMS comparator for PWM on the LS MOSFETs to
detect free of noise Z crossing event, in this case, in fact, the floating phase will be sampled
usually at the end of the active freewheeling PWM TON (this means close to the end of the
driving PWM TOFF). Whereas for HIGH DUTY CYCLES we recommend using the VSMS/2
comparator to detect free of noise Z crossing events. In this case, in fact, the sampling will
be performed always at the end of the driving PWM TON. While in the latter case the output
of the VSMS/2 comparator is always sampled at the turning OFF command edge of the
driving PWM signal. In the previous case the output of the GND/BUS comparator can be
either sampled at the turning OFF command edge of the active freewheeling PWM signal for
BEMFPOL = 1 or at the turning ON command edge of the driving PWM signal (this option is
mandatory when there is no active freewheeling). The BEMFBY bit allows switching from
the PWM sampling source to the internal 10MHz sampling source, mandatory selection for
a PWM with a 100% Duty Cycle. Table 1 provides the PWM sampling edge according to the
bits configuration.
GAPGCFT00039
Table 1. PWM edge used for filtering the selected BEMF Z crossing comparator output
BEMFMOD
BEMFSW
BEMF comparator
selected
BEMFPOL
BEMF
sampling
Comment
0
0 (PWM on
HS)
GND comparator
0
HS turn-on
To be used for passive
freewheeling. We recommend
selecting the GND comparator
output for low PWM duty cycles.
0
0 (PWM on
HS)
GND comparator
1
LS turn-off
To be used for active
freewheeling. We recommend
selecting the GND comparator
output for low PWM duty cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com