Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4370 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 4Page - STMicroelectronics AN4370 Datasheet HTML 5Page - STMicroelectronics AN4370 Datasheet HTML 6Page - STMicroelectronics AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics AN4370 Datasheet HTML 10Page - STMicroelectronics AN4370 Datasheet HTML 11Page - STMicroelectronics AN4370 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
BEMF Zero crossing detection internal peripheral
AN4370
8/23
DocID025336 Rev 1
BC pin will not update the counter value. This implies that the first value of the counter must
be written before selecting the BC mode. Besides, in BC mode, the BEMF counter will
automatically increase or decrease its value at the reception of a positive pulse according to
the BEMFDIR bit value. Definitely the BC mode is useful for motors with a very high step
switching frequency that would be for sure limited by the SPI communication itself.
A programmable offset can be added to the VSMS/2 comparator threshold for Pre-
Commutation. The offset sign is automatically updated in BC mode by the positive pulses,
while it has to be overridden in SPI mode at each BEMFCNT update event. Be aware that
demagnetization pulses could appear at the BEMFOUT pin, to filter them the BEMFCNT will
have to be updated after a certain delay from a commutation event taking into account the
demagnetization time. To understand better the demag pulses filtering at the BEMFOUT pin
by delaying the BEMFCNT update events respect to the commutation events, we will
consider Figure 4 concerning a 100% duty cycle PWM. The concept is the same with a duty
cycle different than 100%, in fact the only difference would be the sampling frequency. In
case of a 100% duty cycle the sampling of the selected comparator output, the VSMS/2
comparator, will be done at 10MHz. Let’s focus on the red vertical line of Figure 4. The line
shows where, after the commutation, we updated the BEMFCNT, thus changing the signal
to be sampled, in order to detect the next crossing event, from SH1 to SH3. As it can be
seen from the picture, if we had continued sampling SH1 until the end of the demag pulse,
we would have completely filtered the SH3 demag pulse at the BEMFOUT pin. This could
have been made possible, merely by delaying the BEMFCNT update event respect to the
related commutation event until the end of the demag pulse itself. In the example shown by
Figure 4 the BEMFCNT was updated right during the demag pulse, that is why the pulse is
partially but not totally filtered at the BEMFOUT pin.
Figure 4. BEMFCNT update event
Customers not interested in detecting the rotor position through the BEMF Detection IP,
could use it to read the motor speed. In this latter case two consecutive zero crossing
events, corresponding to signal transitions (one rising edge and one falling edge, excluding
of course demagnetization pulses) at the BEMFOUT pin, will provide the step time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com