Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4370 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 13Page - STMicroelectronics AN4370 Datasheet HTML 14Page - STMicroelectronics AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics AN4370 Datasheet HTML 18Page - STMicroelectronics AN4370 Datasheet HTML 19Page - STMicroelectronics AN4370 Datasheet HTML 20Page - STMicroelectronics AN4370 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DocID025336 Rev 1
17/23
AN4370
Estimating power dissipation
22
8
Estimating power dissipation
The power dissipation PD of the L99ASC03 depends on use conditions and external
components. Considering the main contributions, we can write:
PD =PVDD + PREG + PCP + PDRV
where
PVDD: power dissipation of the VDD voltage regulator
PREG: power dissipation of the internal voltage regulator
PCP: power dissipation of the charge pump
PDRV: power dissipation of the gate drivers
PVDD =(VVSREG - VVDD) x IVDD , with VVDD =5V
PREG =VVSREG x IVSREG , with IVSREG =25mA max
As to PCP and PDRV, no formula can be used to calculate their contribution. Application-
related parameters have a direct influence on these terms, such as the total gate charge of
the external MOSFETs (QG), the PWM frequency used to drive the motor (fPWM) and the
number of MOSFETs switched in a PWM period (N). Using external gate resistors will
reduce the power dissipation in the L99ASC03.
As a worst-case scenario, PCP and PDRV can be estimated by using Figure 10. The curves
in Figure 10 have been measured on one L99ASC03 unit at room temperature.
Figure 10. Supply current at VS pin vs. input supply voltage VVS as a function of charge pump
load (CCP1 =CCP2 = 220 nF, CTANK =1 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com