Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4370 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics AN4370 Datasheet HTML 18Page - STMicroelectronics AN4370 Datasheet HTML 19Page - STMicroelectronics AN4370 Datasheet HTML 20Page - STMicroelectronics AN4370 Datasheet HTML 21Page - STMicroelectronics AN4370 Datasheet HTML 22Page - STMicroelectronics AN4370 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID025336 Rev 1
19/23
AN4370
CSA and OC comparator
22
10
CSA and OC comparator
Besides Overcurrent (OC) monitoring, the combination of CSA and OC comparator can be
used for the sensorless initial Rotor Position Detection. The sensorless initial RPD is
performed by energizing the motor coils in a specific way and sequence in order to measure
the phase-to-phase inductance variation, which depends on the relative position between
rotor and stator. Based on the known relationship V = Ldi/dt, this can be achieved by
measuring the time needed to reach a given overcurrent level in the energized phases that
is low enough to keep the rotor still. The microcontroller can program the desired
overcurrent level and measure the required time. Before starting the sensor-less initial RPD
process, the OCFT_DIS bit has to be set to 1 to disable the OC filtering time. This also
prevents the CSAOC flag from being set in case an OC event is detected. Moreover, the
DMUX bit has to be set to 1 to have the output of the OC comparator connected to the
DOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com