Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4370 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 10Page - STMicroelectronics AN4370 Datasheet HTML 11Page - STMicroelectronics AN4370 Datasheet HTML 12Page - STMicroelectronics AN4370 Datasheet HTML 13Page - STMicroelectronics AN4370 Datasheet HTML 14Page - STMicroelectronics AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics AN4370 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PRE-DRIVE tests
AN4370
14/23
DocID025336 Rev 1
7
PRE-DRIVE tests
Before driving the MOSFETs, it is possible to detect whether any of the motor phases is
disconnected or short-circuited either to GND or to the supply voltage. This diagnosis can
be performed thanks to three switches that can be closed or opened through the following
control bits of Control Register 7:
ISTEST(x): control bit for the sink current of leg x:
•
0: sink current disabled
•
1: sink current enabled
ISTEST(x) = 0 means that the corresponding x switch is open.
The tests shown in Table 3 allow the detection of disconnected motor terminals and short
circuits of at least one motor terminal either to GND or to supply voltage, without turning on
any external MOSFET.
During the PRE-DRIVE tests, the DS Monitoring threshold (DSMTH[1,0]) has to be set to
2 V and the gate driver sink current bits (PCSI[3:0]) have to be set to the max value (1111b).
When changing the ISTEST bits, a certain time has to elapse before reading the result of
each test from Status Register 7 (SR7) in order to allow the diagnostic currents to settle in
the motor phases and yield a steady-state voltage drop over the external MOSFETs. In
order to perform the PRE-DRIVE tests, the ISTEST_EN bit has to be set to 1. This is to
allow the SR7 bits to change their state without turning on the external MOSFETs.
Figure 6. PRE-DRIVE tests functional block diagram
In this case, no flag is reported in the Global Status Byte (GSB) due to the SR7 bits.
When the PRE_DRIVE tests are complete, the SR7 bits have to be cleared right after
setting the ISTEST_EN to 0. Otherwise, the status of the SR7 bits would be reflected in the
GSB. It is also recommended to set the ISTEST(x) bits back to 0 at the end of the PRE-
DRIVE tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com