Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4370 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 14Page - STMicroelectronics AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics AN4370 Datasheet HTML 18Page - STMicroelectronics AN4370 Datasheet HTML 19Page - STMicroelectronics AN4370 Datasheet HTML 20Page - STMicroelectronics AN4370 Datasheet HTML 21Page - STMicroelectronics AN4370 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Calculation example
AN4370
18/23
DocID025336 Rev 1
9
Calculation example
Let’s assume the following use conditions:
VVSREG =VVS =12V
IVDD =20mA
QG = 60nC
fPWM =25kHz
N= 6
From the above mentioned formulas for PVDD and PREG, we get
PVDD =(VVSREG - VVDD) x IVDD = (12V - 5V) x 20mA = 140mW
PREG =VVSREG x IVSREG = 12V x 25mA = 300mW
The load at the charge pump output due to the external MOSFETs is
ICP =N x fPWM x QG =9mA
By looking at Figure 10, for a charge pump load of 10mA (
≈ 9mA) at V
VS = 12V, the input
current IVS is 44mA. The power consumption from the VS pin can be estimated as
PVS =VVS x IVS = 12V x 44mA = 528mW
The worst-case total power dissipation PD can thus be estimated as
PD =PVDD + PREG + PVS = 140mW + 300mW + 528mW = 968mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com