Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0289 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 2Page - STMicroelectronics UM0289 Datasheet HTML 3Page - STMicroelectronics UM0289 Datasheet HTML 4Page - STMicroelectronics UM0289 Datasheet HTML 5Page - STMicroelectronics UM0289 Datasheet HTML 6Page - STMicroelectronics UM0289 Datasheet HTML 7Page - STMicroelectronics UM0289 Datasheet HTML 8Page - STMicroelectronics UM0289 Datasheet HTML 9Page - STMicroelectronics UM0289 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Hardware
UM0289
6/29
Figure 3.
MDK-ST10 board
Note:
Refer also to Section 5.1.2: Board configuration on page 23
The default configuration of the board (once programmed) is:
●
EA jumper: 1 (in order to obtain the fetch of the code from internal flash of
microcontroller)
●
SW3 switches: all OFF
●
SW5 switches:
–
Switch 2 (CSEL 0): ON
–
Switch 7 (CLK 1): ON
–
Other switches: OFF
●
Selector J206: "PRACTI" position (in order to connect micro lines to powerSPIN
connectors)
These configurations impose a 60 MHz core clock frequency and leave port 6 of
microcontroller free for I/0s (needed because P6.0=CS0 is used to manage powerSPIN
boards)
To better understand how powerSPIN boards are managed by control board, Table 1
provides a description of the powerSPIN connectors:
MC_CONNECTOR
POWERSPIN_2
ST10F276
VN808 / GP
POWERSPIN_3
RS232
RS485
I2C
CAN2
CAN1
POWERSPIN_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com