Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0289 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 15Page - STMicroelectronics UM0289 Datasheet HTML 16Page - STMicroelectronics UM0289 Datasheet HTML 17Page - STMicroelectronics UM0289 Datasheet HTML 18Page - STMicroelectronics UM0289 Datasheet HTML 19Page - STMicroelectronics UM0289 Datasheet HTML 20Page - STMicroelectronics UM0289 Datasheet HTML 21Page - STMicroelectronics UM0289 Datasheet HTML 22Page - STMicroelectronics UM0289 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
UM0289
ST10 firmware
19/29
ACK timeout is fixed at 10 ms, both for the PC and ST10, and the payload of the "ACK"
frame is the command code to be acknowledged.
"Set_PID_Control" (0x09) is the frame used for setting the specific values of each control
loop, the contents of this frame is shown in the table below.
Table 6.
Table 6 - Set_PID_Control payload
"Set_Control_Loop time" (0x0A) is a frame used to set the control loop time of each motor
control, according to the table below.
Table 7.
Set_Control loop time payload
"Send_Parameters" (0x40) is a particular frame used to send the status of all system
parameters to the PC, the contents of this frame is shown in Table 8.
0x3A
Third connector with eval 6235
0x3B
Third connector with eval 6205
Payload
byte order
Field
Description
1
Motor Connector
Association connector-powerSPIN board
2Driver
Byte for reserved use, indicating the kind of driver
(0xCD for a6205,0xEB for a 6235)
3-4
Encoder
2 Bytes indicating number of pulse for revolution of
motor encoder.
5-6
Speed
2 Bytes indicating the reference speed of motor
(range 1-3000 rpm)
7-8
P
2 Bytes indicating the proportional gain of the
speed control (range 1-1000, with a firmware
scaling)
9-10
I
2 Bytes indicating the integral gain of the speed
control (range 1-1000, with a firmware scaling)
11-12
D
2 Bytes indicating the derivative gain of the speed
control (range 1-1000, with a firmware scaling)
Payload
byte order
Field
Description
1
Motor Connector
1 Byte indicating which powerSPIN board is connected
to a specific connector.
2Time
Byte indicating the control loop time (number of 200us
steps to be added to the basic control loop of 1ms).
Byte
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com