Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0289 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 8Page - STMicroelectronics UM0289 Datasheet HTML 9Page - STMicroelectronics UM0289 Datasheet HTML 10Page - STMicroelectronics UM0289 Datasheet HTML 11Page - STMicroelectronics UM0289 Datasheet HTML 12Page - STMicroelectronics UM0289 Datasheet HTML 13Page - STMicroelectronics UM0289 Datasheet HTML 14Page - STMicroelectronics UM0289 Datasheet HTML 15Page - STMicroelectronics UM0289 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
PC software
UM0289
12/29
3
PC software
The parameters of eMotion system can be configured through a Windows-based GUI
(eMotion GUI), that interacts with the control board via an RS232 straight cable.
The following paragraphs provide a description of all the software features.
3.1
eMotion GUI
Refer to Section 5.1.1: Installing eMotion GUI on page 23 for the installation procedure.
After start-up of the eMotion GUI, a series of menu functions are available to the user:
File:
Connect: Open the "Serial Port Selection" window, from which it is possible to select the
serial port to open the communication between the PC and the MDK-ST10 board
Disconnect: Close the connection between the PC and the MDK-ST10 board.
New: Open a new 6205 or 6235 window (for a DC or BLDC motor respectively)
Log Window: Open the Log Window. In this window it is possible to see the communication
data as a hexadecimal value sent to the MDK-ST10 board
Exit: Exit the program
View:
Toolbar: Display or hide the toolbar
Status Bar: Display or hide the status bar in the bottom-right corner of the main window
Help
Help Topics: Open the Help Topics
About: Displays eMotion Project credits
3.1.1
EVAL 6235 window
The 6235 window allows the user to drive a BLDC motor through the EVAL6235 board. After
starting eMotion, click on the 6235 window icon or choose New - 6235 window from the
File menu. A new 6235 window opens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com