Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0289 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 20Page - STMicroelectronics UM0289 Datasheet HTML 21Page - STMicroelectronics UM0289 Datasheet HTML 22Page - STMicroelectronics UM0289 Datasheet HTML 23Page - STMicroelectronics UM0289 Datasheet HTML 24Page - STMicroelectronics UM0289 Datasheet HTML 25Page - STMicroelectronics UM0289 Datasheet HTML 26Page - STMicroelectronics UM0289 Datasheet HTML 27Page - STMicroelectronics UM0289 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Using eMotion
UM0289
24/29
Table 11.
Feedback connector
The use of a flat cable is recommended to keep the signals shielded.
Eval 6205 configuration:
JP1: Place JP1 in the INT position to enable the on-board 5VDC supply.
JP2 and JP3: Install JP2 and JP3 to assure proper timing operation of the L6205's internal
high side overcurrent protection.
JP4 and JP5: Install JP4 and JP5 to configure the Vref circuits.
Supply the power to eval 6205 through connector CN1.
Connect the DC motor through CN3 connector (OUT1A and OUT2A).
Refer to the L6205 datasheet for more detailed information
Note:
For each EVAL 6205 board eMotion kit allows to connect and control one motor.
Eval 6235 configuration:
JP1 and JP2: Install JP1 and JP2 to enable the on-board 5VDC supply.
SWITCHES: Place all four switches in the OFF position.
HALL SENSORS: Connect the Hall sensors of the BLDC motor at CN5. Connect the power
supply wires from the Hall sensors at pins GND and 5V. Connect H1, H2, and H3 signals to
their respective pins.
Motor Connections: Connect the three motor armature wires at CN3 being careful to match
the phasing to the Hall sensor connections.
Refer to L6235 datasheet for more detailed information.
To connect the power spin boards use a flat 34-pin cables and before power on all the
systems (motors and boards) please refer to Section 6.1: Hardware issues on page 26.
5.1.3
Control operations
Before starting to use the motors, ensure that all the connection are correctly established.
Turn on MDK-ST10 and later turn the power of motors.
Open Loop
For a DC: enable the driver and modify the PWM in terms of DUTY % (depending on the
motor connection, a 0 value corresponds to either the minimum or the maximum speed).
MDK-Connector/ Motor Value
Feedback board connector
Motor on Practi 1 encoder A
Connector 1 (J3), Pin 1
Motor on Practi 1 encoder B
Connector 1 (J3), Pin 3
Motor on Practi 2 encoder A
Connector 1 (J3), Pin 5
Motor on Practi 2 encoder B
Connector 1 (J3), Pin 7
Motor on Practi 3 encoder A
Connector 1 (J3), Pin 9
Motor on Practi 2 encoder B
Connector 1 (J3), Pin 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com