Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0289 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 16Page - STMicroelectronics UM0289 Datasheet HTML 17Page - STMicroelectronics UM0289 Datasheet HTML 18Page - STMicroelectronics UM0289 Datasheet HTML 19Page - STMicroelectronics UM0289 Datasheet HTML 20Page - STMicroelectronics UM0289 Datasheet HTML 21Page - STMicroelectronics UM0289 Datasheet HTML 22Page - STMicroelectronics UM0289 Datasheet HTML 23Page - STMicroelectronics UM0289 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ST10 firmware
UM0289
20/29
Table 8.
Send_Parameters contents
"Send latest error" (0x41) is a particular frame in which the payload is formed by a text string
indicating the last error occurred, typical values are shown below.
Table 9.
Error strings
A series of protocol frames, used for communication, are provided in Table 10.
Table 10.
Frame examples
Payload
byte order
Field
Description
1
Motor Connector
1 Byte indicating which powerSPIN board is connected to
a specific connector.
2-3
Encoder
2 Bytes indicating the number of pulses for revolution of
motor encoder.
4PWM %
Byte indicating the duty cycle value of PWM (range: 0-
100)
5
PWM Freq.
Byte indicating the frequency PWM (range: 17-30)
6
Time control loop
Byte indicating the control loop time (number of 200us
steps to be added to the basic control loop of 1ms).
7
Status
Byte indicating if the control is enabled (0 or 1)
8-9
Speed
2 Bytes indicating the reference speed of motor (range 1-
3000 rpm)
10-11
P
2 Bytes indicating the proportional gain of the speed
control (range 1-1000, with a firmware scaling)
12-13
I
2 Bytes indicating the integral gain of the speed control
(range 1-1000, with a firmware scaling)
14-15
D
2 Bytes indicating the derivative gain of the speed control
(range 1-1000, with a firmware scaling)
String Types
No error
CRC not valid
Command not valid
Command not executable
Motor error
Value out of range
Frame Description
Value (Hex)
Connect
00-00-00
Enable 6235 driver on powerSPIN connector 1
01-01-1A-1C
Brake 6205 driver on powerSPIN connector 3
03-01-3B-3F
ACK for a Forward command
80-01-05-86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com