Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0289 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 10Page - STMicroelectronics UM0289 Datasheet HTML 11Page - STMicroelectronics UM0289 Datasheet HTML 12Page - STMicroelectronics UM0289 Datasheet HTML 13Page - STMicroelectronics UM0289 Datasheet HTML 14Page - STMicroelectronics UM0289 Datasheet HTML 15Page - STMicroelectronics UM0289 Datasheet HTML 16Page - STMicroelectronics UM0289 Datasheet HTML 17Page - STMicroelectronics UM0289 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
PC software
UM0289
14/29
Enable/Disable Control Parameters panel:
●
Closed Loop: This check control enables/disables the text boxes and push buttons of
the Control Parameters and Control Loop Time panels.
Control Parameters panel:
This panel allows the user to perform a PID speed closed loop control with encoder
feedback. The user must fill the following text boxes and then press the Set button in order
to set the control parameters:
●
Enc. Pulses/r: The number of pulses per revolution of motor encoder.
●
Speed: Speed of the motor expressed in RPM. Allowed values go from 0 to 3000 rpm
(steps 1 rpm).
●
P: Proportional gain of the PID control. Allowed values go from 0 to 100, in steps of
0.01.
●
I: Integral gain of the PID control. Allowed values go from 0 to 100, in steps of 0.01.
●
D: Derivative gain of the PID control. Allowed values go from 0 to 100, in steps of 0.01.
●
Set: Set the control parameters.
Note:
If values out of range are inserted in one or more text boxes, a pop-up window will appear
indicating that at least one value is out of range.
●
Start: Start the PID speed closed loop control. The rotation of the motor remains the
same of the motor before starting the control.
●
Stop: Stop the PID speed closed loop control. The motor will rotate with a speed
accordingly to the duty cycle calculated in the last control routine before stopping.
●
Get: This command returns the status of the control parameters and of the control loop
time actually memorized in the MDK-ST10 board.
Control loop time:
This text box allow the user to insert the value of control loop time (in case of closed loop
operation); the range of this parameter is from 1 to 52 ms (with 200 us steps)
Note:
For control loop time is intended the frequency of adjustment of PWM duty cycle (according
to PID action) in order to reach the speed reference.
3.1.2
EVAL 6205 window
The 6205 window is designed to allow the user to drive a DC motor through EVAL6205.
After starting eMotion click on the 6205 window icon or choose New - 6205 window from the
File menu. A new 6205 window is now opened.
Note:
The functions of this window are the same of 6235 window, except for the motor control
panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com