Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1620 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 2Page - STMicroelectronics UM1620 Datasheet HTML 3Page - STMicroelectronics UM1620 Datasheet HTML 4Page - STMicroelectronics UM1620 Datasheet HTML 5Page - STMicroelectronics UM1620 Datasheet HTML 6Page - STMicroelectronics UM1620 Datasheet HTML 7Page - STMicroelectronics UM1620 Datasheet HTML 8Page - STMicroelectronics UM1620 Datasheet HTML 9Page - STMicroelectronics UM1620 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Introduction
UM1620
6/41
DocID024388 Rev 3
1
Introduction
1.1
Document overview
This document is the user manual for the Standard Software Driver (SSD) for single C90FL
Flash module. The road-map for the document is as follows.
Section 1.2 shows the features of the driver. Appendix B: System requirements details the
system requirement for the driver development. Appendix D: Document reference lists the
documents referred and terms used in making of this document. Appendix C: Acronyms lists
the acronyms used.
Chapter 2 describes the API specifications. In this section there are many sub sections,
which describe the different aspects of the driver. Section 2.1 provides a general overview of
the driver.
Section 2.2 mentions about the type definitions used for the driver. Section 2.3 mentions the
driver configuration parameters and configuration macros respectively. Section 2.4 and
Section 2.5 describe the CallBack notifications, and return codes used for the driver.
Section 2.6 and Section 2.7 provide the detailed description of normal mode and special
mode standard software Flash Driver APIs’ respectively. Appendix A: CallBack timings
provides the performance indexes.
1.2
Features
The C90FL SSD provides the following features:
•
Two sets of driver binaries built on Power Architecture instruction set technology and
Variable-Length-Encoding (VLE) instruction set.
•
Drivers released in binary c-array format to provide compiler-independent support for
non-debug-mode embedded applications.
•
Drivers released in s-record format to provide compiler-independent support for
debugmode/JTAG programming tools.
•
Each driver function is independent of each other so the end user can choose the
function subset to meet their particular needs.
•
Support page-wise programming for fast programming.
•
Position-independent and ROM-able
•
Ready-to-use demos illustrating the usage of the driver
•
Concurrency support via callback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com