Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1620 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 21Page - STMicroelectronics UM1620 Datasheet HTML 22Page - STMicroelectronics UM1620 Datasheet HTML 23Page - STMicroelectronics UM1620 Datasheet HTML 24Page - STMicroelectronics UM1620 Datasheet HTML 25Page - STMicroelectronics UM1620 Datasheet HTML 26Page - STMicroelectronics UM1620 Datasheet HTML 27Page - STMicroelectronics UM1620 Datasheet HTML 28Page - STMicroelectronics UM1620 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID024388 Rev 3
25/41
UM1620
API specification
Comments
Following table defines and describes various blkLockIndicator values.
For Shadow/Low/Mid address spaces, there are two block lock levels. The secondary level
of block locking provides an alternative means to protect blocks from being modified. A
logical “OR” of the corresponding bits in the primary and secondary lock registers for a block
determines the final lock status for that block. For high address space there is only one
block lock level.
The output parameter blkLockState returns a bit-mapped value indicating the block lock
status of the specified locking level and address space. A main array block or shadow row is
locked from program/erase if its corresponding bit is set.
The indicated address space determines the valid bits of blkLockState. The following
diagrams show the block bitmap definitions of blkLockState for shadow/Low/Mid/High
address spaces.
For low address space valid bits are from bit 0 to bit (lowBlockNum – 1). In which,
lowBlockNum is the number of low blocks returned from FlashInit();
For middle address space valid bits are from bit 0 and bit (midBlockNum – 1). In which,
midBlockNum is the number of middle blocks returned from FlashInit();
For high address space valid bits are from bit 0 to bit (highBlockNum – 1). In which,
highBlockNum is the number of high blocks returned from FlashInit();
For shadow row valid bit is bit 0;
For example, below are bit allocations for blocks in Low/Mid/High Address Space of
SPC564A70:
Table 34. blkLockIndicator definitions
Code Name
Value
Description
LOCK_SHADOW_PRIMARY
0
Primary block lock protection of shadow address space
LOCK_SHADOW_SECONDARY
1
Secondary block lock protection of shadow address
space
LOCK_LOW_PRIMARY
2
Primary block lock protection of low address space
LOCK_LOW_SECONDARY
3
Secondary block lock protection of low address space
LOCK_MID_PRIMARY
4
Primary block lock protection of mid address space
LOCK_MID_SECONDARY
5
Secondary block lock protection of mid address space
LOCK_HIGH
6
Block lock protection of high address space
Table 35. blkLockState bit allocation for shadow address space
MSB
LSB
bit 31
…
bit 1
bit 0
reserved
…
reserved
shadow row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com