Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1620 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 4Page - STMicroelectronics UM1620 Datasheet HTML 5Page - STMicroelectronics UM1620 Datasheet HTML 6Page - STMicroelectronics UM1620 Datasheet HTML 7Page - STMicroelectronics UM1620 Datasheet HTML 8Page - STMicroelectronics UM1620 Datasheet HTML 9Page - STMicroelectronics UM1620 Datasheet HTML 10Page - STMicroelectronics UM1620 Datasheet HTML 11Page - STMicroelectronics UM1620 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
API specification
UM1620
8/41
DocID024388 Rev 3
The type definition for the structure is given below.
typedef struct _ssd_config
{
UINT32 c90flRegBase;
UINT32 mainArrayBase;
UINT32 mainArraySize;
UINT32 shadowRowBase;
UINT32 shadowRowSize;
UINT32 lowBlockNum;
UINT32 midBlockNum;
UINT32 highBlockNum;
UINT32 pageSize;
UINT32 BDMEnable;
} SSD_CONFIG, *PSSD_CONFIG;
Note:
The macro value COMPILER_SELECT should be set to
CODE_WARRIOR – if CodeWarrior compiler is used for compiling
DIAB_COMPILER – if Diab compiler is used for compiling
2.4
Callback notification
The Standard Software Driver facilitates the user to supply a pointer to ‘CallBack()’ function
so that time-critical events can be serviced during C90FL Standard Software driver
operations.
Servicing watchdog timers is one such time critical event. If it is not necessary to provide the
CallBack service, the user is able to disable it by a NULL function macro.
#define NULL_CALLBACK ((void *) 0xFFFFFFFF)
The job processing callback notifications shall have no parameters and no return value.
shadowRowBase
UINT32
The base address of shadow row
shadowRowSize
UINT32
The size of shadow row in byte.
shadowRowSize
UINT32
Number of blocks of the large address space (128K or 256K).
lowBlockNum
UINT32
Block number of the low address space.
midBlockNum
UINT32
Block number of the mid address space.
highBlockNum
UINT32
Block number of the high address space.
pageSize
UINT32
The page size of the C90FL Flash
BDMEnable
UINT32
Defines the state of background debug mode (enable
/disable)
Table 2. SSD configuration structure field definition (continued)
Parameter name
Type
Parameter description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com