| Electronic Components Datasheet Search |
|
UM1620 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 41 page ![]() API specification UM1620 30/41 DocID024388 Rev 3 spaces of main array. The selection of the blocks of the main array is determined by setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or highEnabledBlocks. The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to block 1, etc. The following diagrams show the formats of lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks for the C90FL module. For low address space valid bits are from bit 0 to bit (lowBlockNum – 1). In which, lowBlockNum is the number of low blocks returned from FlashInit(); For middle address space valid bits are from bit 0 and bit (midBlockNum – 1). In which, midBlockNum is the number of middle blocks returned from FlashInit(); For high address space valid bits are from bit 0 to bit (highBlockNum – 1). In which, highBlockNum is the number of high blocks returned from FlashInit(); For example, below are bit allocations for blocks in Low/Mid/High Address Space of SPC564A70: If no blocks are enabled the C90FL_ERROR_AIC_NO_BLOCK error code is returned. Depending on the address sequence specified the MISR values are calculated for the enabled blocks using the corresponding sequence. If the MISR values calculated by the hardware is not the same as the values passed to this API by the user then the API returns the error code C90FL_ERROR_AIC_MISMATCH. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. Table 45. Bit allocation for blocks in low address space MSB LSB bit 31 … bit 10 bit 9 bit 8 … bit 1 bit 0 reserved … reserved block 9 block 8 … block 1 block 0 Table 46. Bit allocation for blocks in middle address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 Table 47. Bit Allocation for Blocks in High Address Space MSB LSB bit 31 … bit 6 bit 5 bit 4 … bit 1 bit 0 reserved … reserved block 5 block 4 … Block 1 Block 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |