| Electronic Components Datasheet Search |
|
UM1620 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 41 page ![]() API specification UM1620 32/41 DocID024388 Rev 3 Comments Depending on the errBits value, a single or double bit faults are simulated. When a Flash read is done, if the simulated error has not occurred, then the API returns the error code C90FL_ERROR_ECC_LOGIC. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 2.7.3 FactoryMarginReadCheck() Description This function checks the Factory Margin reads of the Flash. The user specified margin level is used for reads and the operation is done on the specified blocks. The MISR values calculated by the hardware is compared to the values passed by the user, if they are not the same, then an error code is returned. Prototype UINT32 FactoryMarginReadCheck (PSSD_CONFIG pSSDConfig, UINT32 lowEnabledBlocks, UINT32 midEnabledBlocks, UINT32 highEnabledBlocks, UINT8 marginLevel, MISR misrValue, void (*CallBack)(void)); Arguments Table 50. Troubleshooting for FlashECCLogicCheck() Returned error bits Possible causes Solution C90FL_ERROR_ECC_LOGIC The ECC value calculated by the user is incorrect. Re-calculate the ECC values using the correct Data. Hardware Failure. Hardware error. Table 51. Arguments for FactoryMarginReadCheck() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. lowEnabledBlocks To select the array blocks in low address space for erasing. Bit-mapped value. Select the block in the low address space whose array integrity is to be evaluated by setting 1 to the appropriate bit of lowEnabledBlocks. If there is not any block to be evaluated in the low address space, lowEnabledBlocks must be set to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |