Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1620 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 6Page - STMicroelectronics UM1620 Datasheet HTML 7Page - STMicroelectronics UM1620 Datasheet HTML 8Page - STMicroelectronics UM1620 Datasheet HTML 9Page - STMicroelectronics UM1620 Datasheet HTML 10Page - STMicroelectronics UM1620 Datasheet HTML 11Page - STMicroelectronics UM1620 Datasheet HTML 12Page - STMicroelectronics UM1620 Datasheet HTML 13Page - STMicroelectronics UM1620 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
API specification
UM1620
10/41
DocID024388 Rev 3
2.6
Normal mode functions
2.6.1
FlashInit()
Description
This function reads the Flash configuration information from the Flash control registers and
initialize parameters in SSD configuration structure. ‘FlashInit()’ must be called prior to any
other Flash operations.
Prototype
UINT32 FlashInit (PSSD_CONFIG pSSDConfig);
Arguments
Return values
Troubleshooting
None.
Comments
‘FlashInit()’ checks the C90FL_MCR_RWE and C90FL_MCR_EER bit, and clear them
when any of them is set. If RWE bit is set, Flash program/erase operations can still be
performed.
Assumptions
The user must correctly initialize the fields including c90flRegBase, mainArrayBase,
shadowRowBase, shadowRowSize, pageSize and BDMEnable before passing the structure
to the FlashInit() functions
.
Table 4. Arguments for FlashInit()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
Table 5. Return values for FlashInit()
Type
Description
Possible values
UINT32
Indicates either success or failure type. It is a bit
mapped return code so that more than one condition
can be returned with a single return code. Each bit in
the returned value, except for C90FL_OK, indicates a
kind of current status of C90FL module.
C90FL_OK
C90FL_INFO_EER
C90FL_INFO_RWE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com