Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1620 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 9Page - STMicroelectronics UM1620 Datasheet HTML 10Page - STMicroelectronics UM1620 Datasheet HTML 11Page - STMicroelectronics UM1620 Datasheet HTML 12Page - STMicroelectronics UM1620 Datasheet HTML 13Page - STMicroelectronics UM1620 Datasheet HTML 14Page - STMicroelectronics UM1620 Datasheet HTML 15Page - STMicroelectronics UM1620 Datasheet HTML 16Page - STMicroelectronics UM1620 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DocID024388 Rev 3
13/41
UM1620
API specification
For example, below are bit allocations for blocks in Low/Mid/High Address Space of
SPC564A70:
If the selected main array blocks or the shadow row is locked for erasing, those blocks or
the shadow row are not erased, but ‘FlashErase()’ still returns C90FL_OK. User needs to
check the erasing result with the ‘BlankCheck()’ function.
It is impossible to erase any Flash block or shadow row when a program or erase operation
is already in progress on C90FL module. ‘FlashErase()’ returns C90FL_ERROR_BUSY
when trying to do so. Similarly, once an erasing operation has started on C90FL module, it is
impossible to run another program or erase operation.
In addition, when ‘FlashErase()’ is running, it is unsafe to read the data from the Flash
module having one or more blocks being erased. Otherwise, it causes a Read-While-Write
error.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API. User provides the
correct ssdconfig parameters to FlashErase() as returned by FlashInit().
2.6.3
BlankCheck()
Description
This function checks on the specified Flash range in the main array or shadow row for blank
state. If the blank checking fails, the first failing address and the failing data in Flash block
are saved.
Table 9. Bit allocation for blocks in low address space
MSB
LSB
bit 31
…
bit 10
bit 9
bit 8
…
bit 1
bit 0
reserved
…
reserved
block 9
block 8
…
block 1
block 0
Table 10. Bit allocation for blocks in middle address space
MSB
LSB
bit 31
…
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
reserved
reserved
reserved
block 1
block 0
Table 11. Bit allocation for blocks in high address space
MSB
LSB
bit 31
…
bit 6
bit 5
bit 4
…
bit 1
bit 0
reserved
…
reserved
block 5
block 4
…
Block 1
Block 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com