Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 49Page - STMicroelectronics AN4444 Datasheet HTML 50Page - STMicroelectronics AN4444 Datasheet HTML 51Page - STMicroelectronics AN4444 Datasheet HTML 52Page - STMicroelectronics AN4444 Datasheet HTML 53Page - STMicroelectronics AN4444 Datasheet HTML 54Page - STMicroelectronics AN4444 Datasheet HTML 55Page - STMicroelectronics AN4444 Datasheet HTML 56Page - STMicroelectronics AN4444 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
DocID025925 Rev 2
53/68
AN4444
Design guidelines
68
10.2
Thermal impedance and power dissipation calculation
The relationship between junction temperature (TJ) and power dissipation during
transmission (PD) is described by the following formula:
Equation 9
where TA is the ambient temperature (from -40 to +85 °C) and ZthJA is the junction to
ambient thermal impedance of the ST7590 IC, which is related to the length of the
transmission (tTX) and to the duty cycle d = tPKT / (tPKT + tIDLE), assuming a packet-
fragmented transmission as illustrated by Figure 44.
Figure 44. Packet-fragmented transmission
When soldered to a proper dissipating area on the PCB as explained above, the ST7590 IC
is characterized by a steady state thermal resistance RthJA of about 50 °C/W. The thermal
impedance curve obtained as power dissipation step response is reported in Figure 45.
)
,
(
)
,
(
d
t
Zth
P
T
d
t
T
TX
JA
D
A
TX
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com