Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 20Page - STMicroelectronics AN4444 Datasheet HTML 21Page - STMicroelectronics AN4444 Datasheet HTML 22Page - STMicroelectronics AN4444 Datasheet HTML 23Page - STMicroelectronics AN4444 Datasheet HTML 24Page - STMicroelectronics AN4444 Datasheet HTML 25Page - STMicroelectronics AN4444 Datasheet HTML 26Page - STMicroelectronics AN4444 Datasheet HTML 27Page - STMicroelectronics AN4444 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
ST7590 reference design description
AN4444
24/68
DocID025925 Rev 2
65
8
R16, R22, R23, R24, R28, R50, R53,
R57
47 K
SMD-0402
66
1
R17
180
SMD-0402
67
1
R19
4.02 K
1%
SMD-0402
68
1
R21
47 K
1%
SMD-0402
69
4
R25, R33, R63, R64
NC
SMD-0402
70
1
R26
51 K
 1%
SMD-0402
71
1
R30
10 M
SMD-0402
72
6
R31, R32, R36, R39, R72, R73
4.7 K
SMD-0402
73
3
R6, R35, R56
100 K
SMD-0402
74
1
R38
33 K
SMD-0402
75
1
R40
1.2 K
SMD-0402
76
2
R47, R51
560
SMD-0402
77
1
R58
1.5 K
SMD-0402
78
2
R61, R65
22
SMD-0402
79
1
SW1
DIPSW-4P-90
4-line DIP switch
80
1
SW2
PUSH_1
Button - 6 x 6-PTH-90
81
1
SW3
PUSH_2
Button - 6 x 6-PTH-90
82
1
SW4
STM32 RESET
Button - 6 x 6-PTH-90
83
1
SW5
ST7590 RESET
Button - 6 x 6PTH-90
84
1
TP1
CL
85
1
TP2
PA_OUT
86
1
TP3
GPIO8
87
1
TP4
GPIO7
88
1
TP5
GPIO2
89
1
TP6
RX_IN
90
1
TP7
GPIO1
91
1
TP8
TX_OUT
92
1
TP9
GPIO6
93
1
TP10
GPIO0
94
1
TP11
ZC_IN
95
1
TP12
PA_ADC
96
1
TP13
VSS
97
1
T1
WE 750510231
PLC transformer
T1A
TDK SRW13EP-X07S002
Table 4. Bill of materials (continued)
Item Qty.
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com