Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 43Page - STMicroelectronics AN4444 Datasheet HTML 44Page - STMicroelectronics AN4444 Datasheet HTML 45Page - STMicroelectronics AN4444 Datasheet HTML 46Page - STMicroelectronics AN4444 Datasheet HTML 47Page - STMicroelectronics AN4444 Datasheet HTML 48Page - STMicroelectronics AN4444 Datasheet HTML 49Page - STMicroelectronics AN4444 Datasheet HTML 50Page - STMicroelectronics AN4444 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
DocID025925 Rev 2
47/68
AN4444
Reference design standard tests
68
9.3
EMI immunity tests
The specific structure of the coupling interface circuit of the application is a weak point
against high voltage disturbances that can come from the external environment. In fact an
efficient coupling circuit with low insertion losses realizes consequently a low impedance
path from the mains to the power line interface of the device.
For this reason it is recommended to add some specific protections on the mains coupling
path, to prevent high energy disturbances coming from the mains from damaging the
internal power circuitry of the ST7590.
Possible environments for this kind of application can be both indoor and outdoor:
residential, commercial and light industrial locations. To verify the immunity of the system to
environmental electrical phenomena, a series of immunity specification standard and tests
must be applied to the power line application.
The immunity requirements for any PLC metering application, communicating in the
European A band (9 - 95 kHz), are listed in the EN50065-2-3 document, which refers to the
EN61000 and ENV50204 for tests to be applied (see Part 2 - 3 of Section 14: Normative
references on page 63).
These standards include surge tests, both common mode and differential mode (
 4 kV
peak, tR = 1.2 µs, tN = 50 µs) and fast transient (burst) tests ( 2 kV peak, tR = 5 ns, tH = 50
ns, repetition frequency 5 kHz).
For the application to be able to withstand such a severe electrical overstress, the line
coupling capacitor C5 must be an X1 or Y2 type part, rated for 4 kV or higher pulses.
In case of non-metering applications, communicating outside the A band, the requirements
are listed in the EN50065-2-1 document, which sets lower pulse levels.
Beside the line coupling capacitor, safety and robustness of the application are guaranteed
by protection devices included in the board design, such as an input varistor (MOV) and
protection diodes. The effect of the protection diodes is described below.
Figure 38 and Figure 39 show the protection against common mode disturbances. The low-
drop Schottky diodes D2 and D3 are able to absorb quickly fast transient disturbances
exceeding the supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com