Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 4Page - STMicroelectronics AN4444 Datasheet HTML 5Page - STMicroelectronics AN4444 Datasheet HTML 6Page - STMicroelectronics AN4444 Datasheet HTML 7Page - STMicroelectronics AN4444 Datasheet HTML 8Page - STMicroelectronics AN4444 Datasheet HTML 9Page - STMicroelectronics AN4444 Datasheet HTML 10Page - STMicroelectronics AN4444 Datasheet HTML 11Page - STMicroelectronics AN4444 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Electrical characteristics
AN4444
8/68
DocID025925 Rev 2
2
Electrical characteristics
Table 2. Electrical and thermal characteristics of the ST7590 reference design
Parameter
Value
Notes
Min. Typ. Max.
Unit
Thermal data
Ambient operating temperature
-40
85
°C
ST7590 thermal resistance
50(1) °C/W
Measured on the ST7590 reference
design 2-side PCB with thermal pad and
4 x 4 thermal via array
Transceiver section
Transmitting specifications (Tx mode)
Transmitted signal -20 dB bandwidth
50
kHz
Transmitted output current limit
1
A rms
Receiving specifications (Rx mode)
Minimum detectable received signal for the
EVALKITST7590-Q1 board with AC supply
58
dBµV
rms
B-PSK coded
BER ≤ 10-3
Passive Rx filter -3 dB bandwidth
100
kHz
Power supply requirements
VCC power supply voltage
8
13
18
V
VCC power supply current absorption - Rx
mode
8mA
VCC power supply current absorption - Tx
mode
30
mA
Tx with no load
65
mA
Tx over EN50065 AMN
355
mA
Tx over PRIME AMN
460
mA
Tx over short-circuit
VDDIO digital supply voltage
-10% 3.3 +10%
V
VDDIO digital supply current absorption
9
mA
STM32 under reset, ST7590 under reset
55
mA
STM32 operative, ST7590 under reset
(3 mA from DL5)
90
mA
STM32 operative, ST7590 operative
1. Measured over a continuous transmission period of 3000 seconds (steady state thermal dissipation). See Figure 45:
Measured ST7590 thermal impedance curve (typical) on page 54 for the thermal impedance typical curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com