Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 38Page - STMicroelectronics AN4444 Datasheet HTML 39Page - STMicroelectronics AN4444 Datasheet HTML 40Page - STMicroelectronics AN4444 Datasheet HTML 41Page - STMicroelectronics AN4444 Datasheet HTML 42Page - STMicroelectronics AN4444 Datasheet HTML 43Page - STMicroelectronics AN4444 Datasheet HTML 44Page - STMicroelectronics AN4444 Datasheet HTML 45Page - STMicroelectronics AN4444 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Reference design standard tests
AN4444
42/68
DocID025925 Rev 2
Figure 31. Measured input impedance of the line coupling - transmission mode
9.2
Conducted emission (CE) measurements
The EN50065-1 standard describes the test setup and procedures for this kind of tests (see
Part 1 of Section 14: Normative references on page 63).
The compliance tests have been performed in the following conditions:
Mains voltage = 230 V AC (isolated supply)
Output signal level = 12 V peak-to-peak (maximum output level for the ST7590 GUI)
corresponding to 1.5 V rms
Mode = BPSK uncoded
PHY payload length = 256 bytes
Duty cycle = 55 / 180 ms = 30 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com